Part Number Hot Search : 
SLA50 SMAJ36 79L18 2310A STU12 3026BI01 TA1230Z MAX2036
Product Description
Full Text Search
 

To Download 5013310507-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2017 please check www.molex.com for latest part information part number: 5013310507 status: active overview: pico-clasp? wire-to-board connectors description: 1.00mm pitch pico-clasp? wire-to-board header, surface mount, single row, vertical, tin plated, with inner friction lock, with pick-and-place tape, 5 circuits documents: 3d model packaging specification spk-501331-001-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-501331-001-001 (pdf) agency certification ul e29179 general product family pcb headers series 501331 application signal, wire-to-board overview pico-clasp? wire-to-board connectors product name pico-clasp? upc 822348542741 physical breakaway no circuits (loaded) 5 circuits (maximum) 5 color - resin natural durability (mating cycles max) 30 glow-wire compliant no lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon net weight 120.600/mg number of rows 1 orientation vertical pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface 1.00mm polarized to mating part yes polarized to pcb no robotic placement vacuum pick-up tape stackable no temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 1.0a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers packaging specification spk-501331-001-001 product specification ps-501331-001-001 sales drawing sd-501331-001, sd-501331-003 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 501331 series mates with 501330 pico-clasp? wire-to-board female housing
this document was generated on 05/26/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 5013310507-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X